Part Number Hot Search : 
PE7100 E100A P2010 00209 IRFU3 DG182AP BAS17 70400
Product Description
Full Text Search
 

To Download H-3263-1050G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508 -497-6377 ? fax 508-435-5289 ? www.valpeyfisher.com ? reva_10 07 1 m3200 series h3200 series vcxo 5.0v full/half size , thru-hole , hcmos/ttl 3 mhz to 55mhz parameter symbol condition min typ max unit note frequency range f 3 105 mhz frequency stability ? f/f operating temperature at 25c 30 50 ppm aging first year after first year 3 1 ppm ppm/yr operating temperature t 0 +70 c supply voltage vcc 4.5 5.0 5.5 v supply current icc 30 45 ma output levels ?0? level, sinking 16ma ?1? level, sourcing 10ma v dd -0.4 0.4 v rise & fall times from 0.4 to (v dd -.4) v (above 35 mhz) 2.5 4 2 ns peak jitter 1 20 ps tristate ?1? output is on ? pin 5 may float or 2.4v min, sourcing 400 a ?0? output is disabled, tristate, high impedance ? pin 5 requires 0.4v, sinking 400 a input impedance control voltage 15 1000 kohm start-up time ts 5 ms symmetry @ v dd /2 45/55 % control voltage bandwidth 15 20 khz apr 50 75 150 ppm features ? super low jitter of 20 ps peak to peak ? frequency from 3 mhz to 105 mhz ? apr to 150ppm ? start-up time is less than 5ms applications ? xdsl customer premise equipment ? cable modems ? atm/sonet/sdh electrical specifications rohs status
75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508 -497-6377 ? fax 508-435-5289 ? www.valpeyfisher.com ? reva_10 07 2 m3200 series h3200 series vcxo 5.0v full/half size , thru-hole , hcmos/ttl descriptions m3261, ? h3261 ? 75 ppm capture when using using 0.5 to 4.5v control-voltage and 2.5v center with 50 ppm stability ? m3262, ? h3262 ? 100 ppm capture when using using 0.5 to 4.5v control-voltage and 2.5v center with 50 ppm stability ? m3263, h3263 150 ppm capture when using using 0.5 to 4.5v control-voltage and 2.5v center with 50 ppm stability ? m3271, ? h3271 ? 75 ppm capture when using using 0.5 to 4.5v control-voltage and 2.5v center with 25 ppm stability ? m3272, ? h3272 ? 100 ppm capture when using using 0.5 to 4.5v control-voltage and 2.5v center with 25 ppm stability ? m3273, ? h3273 ? 150 ppm capture when using using 0.5 to 4.5v control-voltage and 2.5v center with 25 ppm stability ? m3281, ? h3281 ? 75 ppm capture when using using 0.5 to 4.5v control-voltage and 2.5v center with 20 ppm stability ? m3282, ? h3282 ? 100 ppm capture when using using 0.5 to 4.5v control-voltage and 2.5v center with 20 ppm stability ? m3283, ? h3283 ? 150 ppm capture when using using 0.5 to 4.5v control-voltage and 2.5v center with 20 ppm stability ? parameter specification shock 1000 gs, 0.35 ms, 1/2 sine wave, 3 shocks in each plane vibration 10-2000 hz of .06" d.a. or 20 gs, whichever is less humidity resistant to 85 r.h. at 85c gross leak each unit checked in 125c fluorocarbon fine leak mass spectrometer leak rate less than 2 x 10 - 8 atm, cc/sec of helium pins kovar, nickel plated with 60/40 solder coat, or 7 microinch gold bend test will withstand two bends of 90 from reference header steel, with nickel plate, or 7 microinch gold over nickel case stainless steel, type 304 marking printing is black epoxy ink resistance to solvents mil std 202, method 215 environmental and mechanical conditions center frequency is at 2. 5v with 20 ppm stability center frequency is at 2. 5v with 25 ppm stability center frequency is at 2. 5v with 50 ppm stability
75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508 -497-6377 ? fax 508-435-5289 ? www.valpeyfisher.com ? reva_10 07 3 m3200 series h3200 series vcxo 5.0v full/half size , thru-hole , hcmos/ttl ? pin # full size (m) half size (h) 1 n/c control voltage 2 control voltage tristate 4 n/c ground & case 5 tristate output 7 ground & case n/c 8 output +5v, v dd 9 n/c n/c 14 +5v, v dd n/c how to order m - 3 2 6 1 - freq. g ?m? is full size dil ?3261? is leave blank ?h? is half size dil model type for straight leads add ?g? for gullwig frequency vs. control voltage for typical device frequency deviation, ppm


▲Up To Search▲   

 
Price & Availability of H-3263-1050G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X